Part Number Hot Search : 
TA166 SM221K ML2713 MAX322 ON0205 MBRF745 SMA43 Z1130A
Product Description
Full Text Search
 

To Download 3N164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3N163, 3N164
P-CHANNEL ENHANCEMENT MODE
Linear Integrated Systems
MOSFET
FEATURES
VERY HIGH INPUT IMPEDANCE HIGH GATE BREAKDOWN ULTRA LOW LEAKAGE FAST SWITCHING LOW CAPACITANCE ABSOLUTE MAXIMUM RATINGS (NOTE 1) @ 25C (unless otherwise noted) Drain-Source or Drain-Gate Voltage 3N163 3N164 Transient G-S Voltage (NOTE 1) Drain Current Storage Temperature Power Dissipation
D
S
G
2 1 3 4
Case
D
S
-40V -30V 125V 50mA -65C to +200C 375mW
G
Case
18 X 30 MILS
TO-72 Bottom View
ELECTRICAL CHARACTERISTICS @ 25C (unless otherwise noted) SYMBOL CHARACTERISTICS 3N163 3N164 MIN MAX MIN MAX Gate Forward Current -10 -10 pA IGSSF TA=+125C BVDSS BVSDS VGS(th) VGS(th) VGS IDSS ISDS rDS(on) ID(on) gfs gos Ciss Crss Coss Drain-Source Breakdown Voltage Source-Drain Breakdown Voltage Threshold Voltage Threshold Voltage Gate Source Voltage Zero Gate Voltage Drain Current Source Drain Current Drain-Source on Resistance On Drain Current Forward Transconductance Output Admittance Input Capacitance-Output Shorted Reverse Transfer Capacitance Output Capacitance Input Shorted -5.0 2000 -40 -40 -2.0 -2.0 -3.0 -5.0 -5.0 -6.5 200 400 250 -30 4000 250 2.5 0.7 3.0 -3.0 1000 -25 -30 -30 -2.0 -2.0 -3.0 -5.0 -5.0 -6.5 400 800 300 -30 4000 250 2.5 0.7 3.0 -25
UNITS
CONDITIONS VDS=0 (3N163) VDS=0 (3N164) VGS=0 VGD=0 VBD=0 ID=-10A ID=-10A ID=-0.5mA VGS=0 VGS=VDB=0 ID=-100A VGS=-10V ID=-10mA ID=-10mA f=1kHz f=1MHz
VGS=-40V
VGS=-30V ID=-10A V IS=-10A VDS=VGS VDS=-15V VDS=-15V pA ohms mA s pF VDS=-15V VDS=15V VGS=-20V VDS=-15V VDS=-15V VDS=-15V (NOTE 2)
Linear Integrated Systems
4042 Clipper Ct., Fremont, CA 94538 TEL: (510) 490-9160 * FAX: (510) 353-0261
SWITCHING CHARACTERISTICS TA=25C and VBS=0 unless otherwise noted) SYMBOL ton tr toff CHARACTERISTICS Turn-On Delay Time Rise Time Turn-Off Time 3N163 MIN MAX 12 24 50 3N164 MIN MAX 12 24 50 UNITS ns CONDITIONS VDD=-15V ID(on)=-10mA RG=RL=1.4K (NOTE 2)
TYPICAL SWITCHING WAVEFORM VDD 10% 10% R1 R2 50 INPUT PULSE Rise Time 2ns Pulse Width 200ns Switching Times Test Circuit VOUT t on tr
90% 10%
t off
10%
SAMPLING SCOPE Tr 0.2ns CIN 2pF RIN10M
Switching Times Test Circuit
NOTES:
1. Devices must not be tested at 125V more than once, nor for longer than 300ms. 2. For design reference only, not 100% tested.
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Linear Integrated Systems
4042 Clipper Ct., Fremont, CA 94538 TEL: (510) 490-9160 * FAX: (510) 353-0261


▲Up To Search▲   

 
Price & Availability of 3N164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X